| Moteur de recherche de fiches techniques de composants électroniques |
|
SLY2016 Fiches technique(PDF) 7 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SLY2016 Fiches technique(HTML) 7 Page - OSRAM GmbH |
|
7 / 10 page ![]() SLR2016, SLO2016, SLG2016, SLY2016, SCD5584A 2006-01-23 7 Block Diagram IDBD5070 RAM Read Logic D0 D1 D2 D3 D4 D6 D5 Memory RAM 4 x 7 bit Write Address Decoder A0 WR A1 Address Bus Row Decoder ROM ASCII 128 x 7 bit Character Decode (4.48 kbits) 7-bit ASCII Code Output Column Data Row Drivers & Row Control Logic OSC 128 Counter Counter 7 Rows 0 to 6 3 2 1 0 Timing and Control Logic BL Columns 0 to 19 Display CLR Logic Display |