Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLR2016 Fiches technique(PDF) 7 Page - OSRAM GmbH

No de pièce SLR2016
Description  X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SLR2016 Fiches technique(HTML) 7 Page - OSRAM GmbH

Back Button SLR2016 Datasheet HTML 2Page - OSRAM GmbH SLR2016 Datasheet HTML 3Page - OSRAM GmbH SLR2016 Datasheet HTML 4Page - OSRAM GmbH SLR2016 Datasheet HTML 5Page - OSRAM GmbH SLR2016 Datasheet HTML 6Page - OSRAM GmbH SLR2016 Datasheet HTML 7Page - OSRAM GmbH SLR2016 Datasheet HTML 8Page - OSRAM GmbH SLR2016 Datasheet HTML 9Page - OSRAM GmbH SLR2016 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SLR2016, SLO2016, SLG2016, SLY2016, SCD5584A
2006-01-23
7
Block Diagram
IDBD5070
RAM Read Logic
D0
D1
D2
D3
D4
D6
D5
Memory
RAM
4 x 7 bit
Write
Address
Decoder
A0
WR
A1
Address
Bus
Row Decoder
ROM
ASCII
128 x 7 bit
Character
Decode
(4.48 kbits)
7-bit ASCII Code
Output
Column Data
Row Drivers
&
Row Control Logic
OSC
128
Counter
Counter
7
Rows 0 to 6
3
2
1
0
Timing and Control Logic
BL
Columns 0 to 19
Display
CLR
Logic
Display



Html Pages

1 2 3 4 5 6 7 8 9 10