Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5030 Fiches technique(PDF) 42 Page - ams AG

No de pièce AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Fiches technique(HTML) 42 Page - ams AG

Back Button AS5030 Datasheet HTML 36Page - ams AG AS5030 Datasheet HTML 37Page - ams AG AS5030 Datasheet HTML 38Page - ams AG AS5030 Datasheet HTML 39Page - ams AG AS5030 Datasheet HTML 40Page - ams AG AS5030 Datasheet HTML 41Page - ams AG AS5030 Datasheet HTML 42Page - ams AG AS5030 Datasheet HTML 43Page - ams AG AS5030 Datasheet HTML 44Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
42 - 44
AS5030
Datasheet - Packa ge Drawin gs and Ma rk ings
JEDEC Package Outline Standard: MO - 153 AB
Thermal Resistance Rth(j-a): 89 K/W in still air, soldered on PCB
9.1 Recommended PCB Footprint
Figure 38. PCB Footprint
Recommended Footprint Data
Symbol
mm
inch
A7.26
0.286
B4.93
0.194
C0.36
0.014
D0.65
0.0256
E4.91
0.193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44