Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3931 Fiches technique(PDF) 28 Page - ams AG

No de pièce AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Fiches technique(HTML) 28 Page - ams AG

Back Button AS3931 Datasheet HTML 23Page - ams AG AS3931 Datasheet HTML 24Page - ams AG AS3931 Datasheet HTML 25Page - ams AG AS3931 Datasheet HTML 26Page - ams AG AS3931 Datasheet HTML 27Page - ams AG AS3931 Datasheet HTML 28Page - ams AG AS3931 Datasheet HTML 29Page - ams AG AS3931 Datasheet HTML 30Page - ams AG AS3931 Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
27 - 30
AS3931
Datasheet - Pack a ge Drawin gs and Ma r k ings
11 Package Drawings and Markings
The product is available in 16-pin TSSOP package.
Figure 20. 16-pin TSSOP Package
Marking: YYWWMZZ.
YY
WW
M
ZZ
Year (i.e. 10 for 2010)
Manufacturing Week
Assembly plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A-
-
1.20
A1
0.05
-
0.15
A2
0.80
1.00
1.05
b0.19
-
0.30
c0.09
-
0.20
D
4.905.005.10
E
-
6.40 BSC
-
E1
4.30
4.40
4.50
e
-
0.65 BSC
-
L
0.450.600.75
L1
-
1.00 REF
-
Symbol
Min
Nom
Max
R0.09
-
-
R1
0.09
-
-
S0.20
-
-
Θ10º
8º
Θ2-
12 REF
-
Θ3-
12 REF
-
aaa
-
0.10
-
bbb
-
0.10
-
ccc
-
0.05
-
ddd
-
0.20
-
N16
AS3931
YYWWMZZ
Notes:
1. Dimensioning & tolerancing conform
to ASME Y14.5M-1994.
2. All dimensions are in millimeters.
Angles are in degrees.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31