| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3930 Fiches technique(PDF) 28 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3930 Fiches technique(HTML) 28 Page - ams AG |
|
28 / 32 page ![]() www.ams.com/LF-Receiver/AS3930 Revision 1.5 28 - 32 AS3930 Datasheet - Packa ge Drawin gs and Ma rk ings 9 Package Drawings and Markings The product is available in a 16-pin TSSOP and QFN 4x4 16 LD package. Figure 21. 16-pin TSSOP Package Marking: YYWWMZZ. YY WW M ZZ @ Year (i.e. 10 for 2010) Manufacturing Week Assembly plant identifier Assembly traceability code Sublot identifier Symbol Min Nom Max A- - 1.20 A1 0.05 - 0.15 A2 0.80 1.00 1.05 b0.19 - 0.30 c0.09 - 0.20 D 4.905.005.10 E - 6.40 BSC - E1 4.30 4.40 4.50 e - 0.65 BSC - L 0.450.600.75 L1 - 1.00 REF - Symbol Min Nom Max R0.09 - - R1 0.09 - - S0.20 - - Θ10º 8º Θ2- 12 REF - Θ3- 12 REF - aaa - 0.10 - bbb - 0.10 - ccc - 0.05 - ddd - 0.20 - N16 AS3930 @ YYWWMZZ Notes: 1. Dimensioning & tolerancing conform to ASME Y14.5M-1994. 2. All dimensions are in millimeters. Angles are in degrees. |