Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3909 Fiches technique(PDF) 49 Page - ams AG

No de pièce AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Fiches technique(HTML) 49 Page - ams AG

Back Button AS3909 Datasheet HTML 45Page - ams AG AS3909 Datasheet HTML 46Page - ams AG AS3909 Datasheet HTML 47Page - ams AG AS3909 Datasheet HTML 48Page - ams AG AS3909 Datasheet HTML 49Page - ams AG AS3909 Datasheet HTML 50Page - ams AG AS3909 Datasheet HTML 51Page - ams AG AS3909 Datasheet HTML 52Page - ams AG AS3909 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 49
Appl icatio n I n f o rm a t i o n
Figure 44:
Collision Avoidance Threshold as seen on RFI1 Input
11
00
190
11
01
175
11
10
155
1
1
1
1
145
rfe_3
rfe_2
rfe_1
rfe_0
Collision avoidance threshold
voltage [mVpp on RFI1]
x0
0
0
forbidden (measurement is
deactivated)
00
01
50
00
10
67
00
11
88
01
00
120
10
01
145
01
01
172
10
10
185
01
10
240
10
11
255
11
00
340
0
1
1
1
350
11
01
480
11
10
700
11
11
1080
trg_l3
trg_l2
trg_l1
trg_l0
Target activation threshold
voltage [mVpp on RFI1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77