Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3685C Fiches technique(PDF) 11 Page - ams AG

No de pièce AS3685C
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3685C Fiches technique(HTML) 11 Page - ams AG

Back Button AS3685C Datasheet HTML 7Page - ams AG AS3685C Datasheet HTML 8Page - ams AG AS3685C Datasheet HTML 9Page - ams AG AS3685C Datasheet HTML 10Page - ams AG AS3685C Datasheet HTML 11Page - ams AG AS3685C Datasheet HTML 12Page - ams AG AS3685C Datasheet HTML 13Page - ams AG AS3685C Datasheet HTML 14Page - ams AG AS3685C Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AS3685C
Datasheet
www.austriamicrosystems.com/AS3685
(ptr)
1.1
10 - 21
Figure
11 – External circuit of the AS3685 using active High strobe function
Using the above external circuit, an active strobe function can be implemented as follows:
Figure
12 – Timing Diagram of the AS3685 using active High strobe function
Alternatively (if the device driving SCL has only the possibility to pulldown the SCL line, but does not actively
control high/low/tristate of the SCL line) use following circuit:
Figure
13 – External circuit of the AS3685 using active Low strobe function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22