Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3658B-BCTP Fiches technique(PDF) 46 Page - ams AG

No de pièce AS3658B-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3658B-BCTP Fiches technique(HTML) 46 Page - ams AG

Back Button AS3658B-BCTP Datasheet HTML 42Page - ams AG AS3658B-BCTP Datasheet HTML 43Page - ams AG AS3658B-BCTP Datasheet HTML 44Page - ams AG AS3658B-BCTP Datasheet HTML 45Page - ams AG AS3658B-BCTP Datasheet HTML 46Page - ams AG AS3658B-BCTP Datasheet HTML 47Page - ams AG AS3658B-BCTP Datasheet HTML 48Page - ams AG AS3658B-BCTP Datasheet HTML 49Page - ams AG AS3658B-BCTP Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
45 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 15. Charger Block Diagram for voltages >15V (Protection up to 50V; minimum Vcharger voltage 8V)
Instead of using an inductive DCDC step down charger, the AS3658 supports external linear charging mode with an
PMOS transistor. The operating mode is selected by connecting the pin VOFF_B to GND (for 5.5V limited chargers,
the USB charger can be used alternatively):




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More