Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3647 Fiches technique(PDF) 5 Page - ams AG

No de pièce AS3647
Description  1600mA High Current LED Flash Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3647 Fiches technique(HTML) 5 Page - ams AG

  AS3647 Datasheet HTML 1Page - ams AG AS3647 Datasheet HTML 2Page - ams AG AS3647 Datasheet HTML 3Page - ams AG AS3647 Datasheet HTML 4Page - ams AG AS3647 Datasheet HTML 5Page - ams AG AS3647 Datasheet HTML 6Page - ams AG AS3647 Datasheet HTML 7Page - ams AG AS3647 Datasheet HTML 8Page - ams AG AS3647 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
www.austriamicrosystems.com/AS3647
1.5-4
4 - 37
AS3647/47B
Datasheet, Confidential - P i n o u t
E2
STROBE
Digital input with pulldown to control strobe time for flash function
E3
TXMASK/
TORCH
Function 1: Connect to RF power amplifier enable signal - reduces currents
during flash to avoid a system shutdown due to parallel operation of the RF PA
and the flash driver
Function 2: Operate torch current level without using the I
2C interface to
operate the torch without need to start a camera processor (if the I
2C is
connected to the camera processor
Table 2. Pin Description for AS3647B
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38