Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3643 Fiches technique(PDF) 18 Page - ams AG

No de pièce AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Fiches technique(HTML) 18 Page - ams AG

Back Button AS3643 Datasheet HTML 14Page - ams AG AS3643 Datasheet HTML 15Page - ams AG AS3643 Datasheet HTML 16Page - ams AG AS3643 Datasheet HTML 17Page - ams AG AS3643 Datasheet HTML 18Page - ams AG AS3643 Datasheet HTML 19Page - ams AG AS3643 Datasheet HTML 20Page - ams AG AS3643 Datasheet HTML 21Page - ams AG AS3643 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
17 - 33
AS3643
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 23. AS3643 flash duration defined by flash_timeout without using STROBE input
Figure 24. AS3643 flash duration defined by flash_timeout, starting flash with STROBE rising edge
Figure 25. AS3643 flash duration and start defined by STROBE, limited by flash_timeout; timer not expired
Figure 26. AS3643 flash duration and start defined by STROBE, limited by flash_timeout; timer expired



 
  
 !
" # $




 
  
  
  !"
# $ %

&



 

  !"
#  !"
$  %

  &!"
'



 
  
  
! "

  #$
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34