Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3517 Fiches technique(PDF) 49 Page - ams AG

No de pièce AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Fiches technique(HTML) 49 Page - ams AG

Back Button AS3517 Datasheet HTML 45Page - ams AG AS3517 Datasheet HTML 46Page - ams AG AS3517 Datasheet HTML 47Page - ams AG AS3517 Datasheet HTML 48Page - ams AG AS3517 Datasheet HTML 49Page - ams AG AS3517 Datasheet HTML 50Page - ams AG AS3517 Datasheet HTML 51Page - ams AG AS3517 Datasheet HTML 52Page - ams AG AS3517 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Figure 30 Power Up Timing
Register Description
Table 37 System Related Register
Name
Base
Offset
Description
SYSTEM
2-wire serial
20h
Watchdog and Over-temperature control, Power down enable
IRQ_ENRD_1
2-wire serial
24h
Enable/disable wake-up interrupts, set shut-down time
IRQ_ENRD_3
2-wire serial
26h
Enable/disable junction temperature interrupt
Revision 1v3
48
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94