Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3492 Fiches technique(PDF) 7 Page - ams AG

No de pièce AS3492
Description  Highly Efficient 2-10 LEDs Backlight Driver with 2 PWM Inputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3492 Fiches technique(HTML) 7 Page - ams AG

Back Button AS3492 Datasheet HTML 3Page - ams AG AS3492 Datasheet HTML 4Page - ams AG AS3492 Datasheet HTML 5Page - ams AG AS3492 Datasheet HTML 6Page - ams AG AS3492 Datasheet HTML 7Page - ams AG AS3492 Datasheet HTML 8Page - ams AG AS3492 Datasheet HTML 9Page - ams AG AS3492 Datasheet HTML 10Page - ams AG AS3492 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.austriamicrosystems.com/AS3492
1.2
6 - 18
AS3492
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
2. Note: It is not recommended to operate the current sources at minimum duty cycle with low LED currents.
3. The dcdc output voltage VOUT is regulated to 150mV above the maximum LED voltage (LED1...LED5) to guar-
antee proper operation of the current with output voltage ripple and undershoots (e.g. due to PWM or supply
voltage changes)
4. The short LED detection debounce time is longer than the open LED detection debounce time to allow the par-
asitic capacitance of the LED to charge above VLED_SHORT within this time and avoid wrong triggering of short
LED detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19