Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS2533 Fiches technique(PDF) 21 Page - ams AG

No de pièce AS2533
Description  Multi-Standard CMOS Telephone IC for Basic Telephones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS2533 Fiches technique(HTML) 21 Page - ams AG

Back Button AS2533_11 Datasheet HTML 17Page - ams AG AS2533_11 Datasheet HTML 18Page - ams AG AS2533_11 Datasheet HTML 19Page - ams AG AS2533_11 Datasheet HTML 20Page - ams AG AS2533_11 Datasheet HTML 21Page - ams AG AS2533_11 Datasheet HTML 22Page - ams AG AS2533_11 Datasheet HTML 23Page - ams AG AS2533_11 Datasheet HTML 24Page - ams AG AS2533_11 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 20 of 25
Bond Pad Layout
Bond Options
Product Version
Bond Pad
Connection
AS2533
BOND_AS2535
BOND_AS2536
not bonded
not bonded
AS2534/34R (1)
BOND_AS2535
BOND_AS2536
not bonded
bonded to MODE
AS2535
BOND_AS2535
BOND_AS2536
bonded to MODE
not bonded
AS2536
BOND_AS2535
BOND_AS2536
not bonded
bonded to MODE
(1) For deliveries as packaged devices (SOIC28), LNR only is tested, direct and indirect memories are not tested!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26