| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1971 Fiches technique(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1971 Fiches technique(HTML) 18 Page - ams AG |
|
18 / 19 page ![]() www.austriamicrosystems.com Revision 1.02 17 - 18 AS1970 Data Sheet - Or dering Informati on 11 Ordering Information The comparators are available as the standard products shown in Table 5. Table 5. Ordering Information Model Marking Description Delivery Form Package AS1970-T ASI6 Low-Voltage Single Comparator, Push/Pull Tape and Reel 5-pin SOT23 AS1971-T ASI7 Low-Voltage Single Comparator, Open-Drain Tape and Reel 5-pin SOT23 AS1972 989 Low-Voltage Dual Comparator, Push/Pull Tubes 8-pin MSOP AS1972-T 989 Low-Voltage Dual Comparator Push/Pull Tape and Reel 8-pin MSOP AS1973 990 Low-Voltage Dual Comparator, Open-Drain Tubes 8-pin MSOP AS1973-T 990 Low-Voltage Dual Comparator, Open-Drain Tape and Reel 8-pin MSOP AS1974 AS1974 Low-Voltage Quad Comparator, Push/Pull Tubes 14-pin TSSOP AS1974-T AS1974 Low-Voltage Quad Comparator, Push/Pull Tape and Reel 14-pin TSSOP AS1975 AS1975 Low-Voltage Quad Comparator, Open-Drain Tubes 14-pin TSSOP AS1975-T AS1975 Low-Voltage Quad Comparator, Open-Drain Tape and Reel 14-pin TSSOP |