Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1920 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1920
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1920 Fiches technique(HTML) 13 Page - ams AG

Back Button AS1920 Datasheet HTML 7Page - ams AG AS1920 Datasheet HTML 8Page - ams AG AS1920 Datasheet HTML 9Page - ams AG AS1920 Datasheet HTML 10Page - ams AG AS1920 Datasheet HTML 11Page - ams AG AS1920 Datasheet HTML 12Page - ams AG AS1920 Datasheet HTML 13Page - ams AG AS1920 Datasheet HTML 14Page - ams AG AS1920 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
12 - 14
AS1920/AS1922
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
Tape and Reel Pin1 Orientation
Figure 19. AS1920 Tape&Reel Pin1 Orientation
Figure 20. AS1922 Tape&Reel Pin1 Orientation
User direction of feed
Top, Through View
SOT23-5
SOT23-5
SOT23-5
SOT23-5
User direction of feed
Top, Through View
SOT23-5
SOT23-5
SOT23-5
SOT23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15