| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1751S Fiches technique(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1751S Fiches technique(HTML) 13 Page - ams AG |
|
13 / 17 page ![]() www.austriamicrosystems.com Revision 1.41 12 - 16 AS1751/AS1752/AS1753 Data Sheet - Ap p lica tio n In fo r m a tio n Package Drawings and Markings The devices are available in an 16-pin TQFN package and an 14-pin TSSOP package. Figure 19. 16-pin TQFN Package -C- SIDE VIEW PLANE ccc C 0.08 C 11 NX SEATING D D/2 INDEX AREA aaa C TOP VIEW 2x 4 (D/2 xE/2) -B- NXb D2/2 D2 2 1 bbb C A B ddd C -B- N N-1 BTM VIEW 6 5 (D/2 xE/2) INDEX AREA 4 SEE DETAIL B SEE DETAIL B 89 Datum A or B EVEN TERMINAL SIDE DETAIL B Terminal Tip e e/2 12 5 Common Dimensions Symbol Min Nom Max Notes aaa 0.15 1, 2 bbb 0.10 1, 2 ccc 0.10 1, 2 ddd 0.05 1, 2 A 0.70 0.75 0.80 A1 0.00 0.02 0.05 A3 0.20 Ref L1 0.03 0.15 D BSC 3.00 1, 2, 10 E BSC 3.00 1, 2, 10 D2 1.30 1.45 1.55 1, 2, 10 E2 1.30 1.45 1.55 1, 2, 10 L 0.30 0.40 0.50 1, 2, 10 N 16 1, 2, 10 ND 4 1, 2, 10 NE 4 1, 2, 10 PIN 1 MARKER |