Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1902 Fiches technique(PDF) 3 Page - ams AG

No de pièce AS1902
Description  Ultra Low-Power P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1902 Fiches technique(HTML) 3 Page - ams AG

  AS1902 Datasheet HTML 1Page - ams AG AS1902 Datasheet HTML 2Page - ams AG AS1902 Datasheet HTML 3Page - ams AG AS1902 Datasheet HTML 4Page - ams AG AS1902 Datasheet HTML 5Page - ams AG AS1902 Datasheet HTML 6Page - ams AG AS1902 Datasheet HTML 7Page - ams AG AS1902 Datasheet HTML 8Page - ams AG AS1902 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.austriamicrosystems.com
Revision 1.51
2 - 9
AS1901, AS1902, AS1903
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
AS1901/AS1903
AS1902
11
GND
Ground
2
-
RESETN
Active-low reset output. RESETN remains low while VDD is
below the reset threshold and for tTP after VDD rises above
the reset threshold. RESETN is open-drain on the AS1903
and push-pull on the AS1901.
-
2
RESET
Active-high reset output. RESET remains high while VDD is
below the reset threshold and for tTP after VDD rises above
the reset threshold.
33
VDD
Supply voltage.
3
1
2
Top View
AS1901
AS1902
AS1903
SOT23-3
VDD
GND
RESETN,
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10