Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1750 Fiches technique(PDF) 15 Page - ams AG

No de pièce AS1750
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1750 Fiches technique(HTML) 15 Page - ams AG

Back Button AS1750 Datasheet HTML 9Page - ams AG AS1750 Datasheet HTML 10Page - ams AG AS1750 Datasheet HTML 11Page - ams AG AS1750 Datasheet HTML 12Page - ams AG AS1750 Datasheet HTML 13Page - ams AG AS1750 Datasheet HTML 14Page - ams AG AS1750 Datasheet HTML 15Page - ams AG AS1750 Datasheet HTML 16Page - ams AG AS1750 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
14 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
Figure 24. 16-pin TQFN 3x3 Package Dimensions
D
D/2
INDEX AREA
aaa C
TOP VIEW
2x
4
(D/2 xE/2)
B
SIDE VIEW
PLANE
ccc C
11
NX
SEATING
0.08 C
C
NXb
D2/2
D2
2
1
bbb
C A B
ddd
C
-B-
NN-1
BTM VIEW
6
5
(D/2 xE/2)
INDEX AREA
4
SEE
DETAIL B
SEE
DETAIL B
NX K
NX K
Datum A or B
EVEN TERMINAL SIDE
Terminal Tip
e
e/2
12
5
Symbol
Min
Nom
Max
Notes
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
L1
0.03
---
0.15
b
0.18
0.25
0.30
e0.50
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
Symbol
Min
Nom
Max
Notes
K0.20
1.45
---
D BSC
3.00
E BSC
3.00
D2
1.30
1.45
1.55
E2
1.30
0.40
1.55
L
0.300.400.50
N16
ND
4
NE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17