Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1752 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1752
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1752 Fiches technique(HTML) 13 Page - ams AG

Back Button AS1752 Datasheet HTML 9Page - ams AG AS1752 Datasheet HTML 10Page - ams AG AS1752 Datasheet HTML 11Page - ams AG AS1752 Datasheet HTML 12Page - ams AG AS1752 Datasheet HTML 13Page - ams AG AS1752 Datasheet HTML 14Page - ams AG AS1752 Datasheet HTML 15Page - ams AG AS1752 Datasheet HTML 16Page - ams AG AS1752 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
12 - 16
AS1751/AS1752/AS1753
Data Sheet - Ap p lica tio n In fo r m a tio n
Package Drawings and Markings
The devices are available in an 16-pin TQFN package and an 14-pin TSSOP package.
Figure 19. 16-pin TQFN Package
-C-
SIDE VIEW
PLANE
ccc C
0.08 C
11
NX
SEATING
D
D/2
INDEX AREA
aaa C
TOP VIEW
2x
4
(D/2 xE/2)
-B-
NXb
D2/2
D2
2
1
bbb
C A B
ddd
C
-B-
N N-1
BTM VIEW
6
5
(D/2 xE/2)
INDEX AREA
4
SEE
DETAIL B
SEE
DETAIL B
89
Datum A or B
EVEN TERMINAL SIDE
DETAIL B
Terminal Tip
e
e/2
12
5
Common Dimensions
Symbol
Min
Nom
Max
Notes
aaa
0.15
1, 2
bbb
0.10
1, 2
ccc
0.10
1, 2
ddd
0.05
1, 2
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20
Ref
L1
0.03
0.15
D BSC
3.00
1, 2, 10
E BSC
3.00
1, 2, 10
D2
1.30
1.45
1.55
1, 2, 10
E2
1.30
1.45
1.55
1, 2, 10
L
0.30
0.40
0.50
1, 2, 10
N
16
1, 2, 10
ND
4
1, 2, 10
NE
4
1, 2, 10
PIN 1
MARKER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17