| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6044T-EST Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6044T-EST Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 34 page ![]() MCP6041/2/3/4 DS21669C-page 16 © 2008 Microchip Technology Inc. 5.0 DESIGN AIDS Microchip provides the basic design tools needed for the MCP6041/2/3/4 family of op amps. 5.1 SPICE Macro Model The latest SPICE macro model for the MCP6041/2/3/4 op amps is available on the Microchip web site at www.microchip.com. This model is intended to be an initial design tool that works well in the op amp’s linear region of operation over the temperature range. See the model file for information on its capabilities. Bench testing is a very important part of any design and cannot be replaced with simulations. Also, simulation results using this macro model need to be validated by comparing them to the data sheet specifications and characteristic curves. 5.2 FilterLab® Software Microchip’s FilterLab® software is an innovative software tool that simplifies analog active filter (using op amps) design. Available at no cost from the Microchip web site at www.microchip.com/filterlab, the FilterLab design tool provides full schematic diagrams of the filter circuit with component values. It also outputs the filter circuit in SPICE format, which can be used with the macro model to simulate actual filter performance. 5.3 Mindi™ Circuit Designer & Simulator Microchip’s Mindi™ Circuit Designer & Simulator aids in the design of various circuits useful for active filter, amplifier and power-management applications. It is a free online circuit designer & simulator available from the Microchip web site at www.microchip.com/mindi. This interactive circuit designer & simulator enables designers to quickly generate circuit diagrams, simulate circuits. Circuits developed using the Mindi Circuit Designer & Simulator can be downloaded to a personal computer or workstation. 5.4 MAPS (Microchip Advanced Part Selector) MAPS is a software tool that helps semiconductor professionals efficiently identify Microchip devices that fit a particular design requirement. Available at no cost from the Microchip website at www.microchip.com/ maps, the MAPS is an overall selection tool for Microchip’s product portfolio that includes Analog, Memory, MCUs and DSCs. Using this tool you can define a filter to sort features for a parametric search of devices and export side-by-side technical comparasion reports. Helpful links are also provided for Datasheets, Purchase, and Sampling of Microchip parts. 5.5 Analog Demonstration and Evaluation Boards Microchip offers a broad spectrum of Analog Demonstration and Evaluation Boards that are designed to help you achieve faster time to market. For a complete listing of these boards and their corresponding user’s guides and technical information, visit the Microchip web site at www.microchip.com/ analogtools. Two of our boards that are especially useful are: • P/N SOIC8EV: 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board • P/N SOIC14EV: 14-Pin SOIC/TSSOP/DIP Evalu- ation Board 5.6 Application Notes The following Microchip Application Notes are avail- able on the Microchip web site at www.microchip. com/ appnotes and are recommended as supplemental ref- erence resources. ADN003: “Select the Right Operational Amplifier for your Filtering Circuits”, DS21821 AN722: “Operational Amplifier Topologies and DC Specifications”, DS00722 AN723: “Operational Amplifier AC Specifications and Applications”, DS00723 AN884: “Driving Capacitive Loads With Op Amps”, DS00884 AN990: “Analog Sensor Conditioning Circuits – An Overview”, DS00990 These application notes and others are listed in the design guide: “Signal Chain Design Guide”, DS21825 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |