| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9510HT-E Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9510HT-E Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 28 page ![]() © 2008 Microchip Technology Inc. DS22114A-page 19 MCP9509/10 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 1 23 5 4 5-Lead SOT-23 Example: XXNN 1 23 5 4 AQ25 Device Code MCP9509CT-E/OT AQNN MCP9509HT-E/OT BPNN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 1 6-Lead SOT-23 XXNN Example 1 AK25 Part Number Code MCP9510CT-E/CH AKNN MCP9510HT-E/CH ALNN |