| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6044T-EST Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6044T-EST Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 11 MCP6041/2/3/4 3.0 PIN DESCRIPTIONS Descriptions of the pins are listed in Table 3-1. TABLE 3-1: PIN FUNCTION TABLE 3.1 Analog Outputs The output pins are low-impedance voltage sources. 3.2 Analog Inputs The non-inverting and inverting inputs are high-imped- ance CMOS inputs with low bias currents. 3.3 Chip Select Digital Input This is a CMOS, Schmitt-triggered input that places the part into a low power mode of operation. 3.4 Power Supply Pins The positive power supply pin (VDD) is 1.4V to 6.0V higher than the negative power supply pin (VSS). For normal operation, the other pins are at voltages between VSS and VDD. Typically, these parts are used in a single (positive) supply configuration. In this case, VSS is connected to ground and VDD is connected to the supply. VDD will need bypass capacitors. MCP6041 MCP6042 MCP6043 MCP6044 Symbol Description PDIP, SOIC, MSOP SOT-23-5 PDIP, SOIC, MSOP PDIP, SOIC, MSOP SOT-23-6 PDIP, SOIC, TSSOP 61 1 6 1 1 VOUT,VOUTA Analog Output (op amp A) 24 2 2 4 2 VIN–, VINA– Inverting Input (op amp A) 33 3 3 3 3 VIN+, VINA+ Non-inverting Input (op amp A) 75 8 7 6 4 VDD Positive Power Supply —— 5 — — 5 VINB+ Non-inverting Input (op amp B) —— 6 — — 6 VINB– Inverting Input (op amp B) —— 7 — — 7 VOUTB Analog Output (op amp B) —— — — — 8 VOUTC Analog Output (op amp C) —— — — — 9 VINC– Inverting Input (op amp C) —— — — — 10 VINC+ Non-inverting Input (op amp C) 42 4 4 2 11 VSS Negative Power Supply —— — — — 12 VIND+ Non-inverting Input (op amp D) —— — — — 13 VIND– Inverting Input (op amp D) —— — — — 14 VOUTD Analog Output (op amp D) —— — 8 5 — CS Chip Select 1, 5, 8 — — 1, 5 — — NC No Internal Connection |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |