| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6043 Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6043 Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 9 MCP6041/2/3/4 Note: Unless otherwise indicated, T A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL =1MΩ to VL, and CL =60 pF. FIGURE 2-25: Output Voltage Headroom vs. Output Current Magnitude. FIGURE 2-26: Slew Rate vs. Ambient Temperature. FIGURE 2-27: Small Signal Non-inverting Pulse Response. FIGURE 2-28: Output Voltage Headroom vs. Ambient Temperature. FIGURE 2-29: Maximum Output Voltage Swing vs. Frequency. FIGURE 2-30: Small Signal Inverting Pulse Response. 1 10 100 1000 0.01 0.1 1 10 Output Current Magnitude (mA) VDD – VOH VOL – VSS 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) High-to-Low Low-to-High VDD = 1.4V VDD = 5.5V -25 -20 -15 -10 -5 0 5 10 15 20 25 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Time (100 µs/div) G = +1 V/V RL = 50 kΩ 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) VOL – VSS VDD – VOH VDD = 5.5V RL = 50 kΩ 0.1 1 10 1.E+01 1.E+02 1.E+03 1.E+04 Frequency (Hz) 10 100 1k 10k VDD = 5.5V VDD = 1.4V -25 -20 -15 -10 -5 0 5 10 15 20 25 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Time (100 µs/div) G = -1 V/V RL = 50 kΩ |