| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP201 Fiches technique(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP201 Fiches technique(HTML) 31 Page - Microchip Technology |
|
31 / 40 page ![]() © 2007 Microchip Technology Inc. DS21730F-page 31 MCP201 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN E/P256 0715 MCP201 E/SN0715 256 MCP201 8-Lead DFN-S Example : XXXXXXXX XXXXXXXX YYWW NNN MCP201 E/MF 0715 256 3 e 3 e 3 e |