Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1374 Fiches technique(PDF) 16 Page - ams AG

No de pièce AS1374
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Fiches technique(HTML) 16 Page - ams AG

Back Button AS1374 Datasheet HTML 11Page - ams AG AS1374 Datasheet HTML 12Page - ams AG AS1374 Datasheet HTML 13Page - ams AG AS1374 Datasheet HTML 14Page - ams AG AS1374 Datasheet HTML 15Page - ams AG AS1374 Datasheet HTML 16Page - ams AG AS1374 Datasheet HTML 17Page - ams AG AS1374 Datasheet HTML 18Page - ams AG AS1374 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AS1374
Datasheet - Pack a ge Drawin gs and Ma r k ings
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
15 - 18
10 Package Drawings and Markings
The AS1374 is available in a 6-bump WLP package.
Figure 29. 6-bump WLP Package
Notes:
1. ccc – Coplanarity
2. All dimensions are in µm.
Top through view
Bottom view (ball side)
ASSH
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19