Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1340 Fiches technique(PDF) 14 Page - ams AG

No de pièce AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Fiches technique(HTML) 14 Page - ams AG

Back Button AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG AS1340 Datasheet HTML 11Page - ams AG AS1340 Datasheet HTML 12Page - ams AG AS1340 Datasheet HTML 13Page - ams AG AS1340 Datasheet HTML 14Page - ams AG AS1340 Datasheet HTML 15Page - ams AG AS1340 Datasheet HTML 16Page - ams AG AS1340 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
14 - 17
AS1340
Datasheet - Pack a ge Drawin gs and Ma r k ings
10 Package Drawings and Markings
Figure 32. TDFN-8 3x3mm Marking
Package Code:
XXXX - encoded Datecode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17