| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1329 Fiches technique(PDF) 16 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1329 Fiches technique(HTML) 16 Page - ams AG |
|
16 / 20 page ![]() www.ams.com/DC-DC_Step-Up/AS1329 Revision 1.12 16 - 20 AS1329 Datasheet - A p p l i c a t i o n I n f o r m a t i o n 9.4 PCB Layout Guidelines The high-speed operation of the AS1329 requires proper layout for optimum performance. Figure 29 shows the recommended component layout. A large ground pin copper area will help to lower the device temperature. A multi-layer board with a separate ground plane is recommended. Traces carrying large currents should be direct. Trace area at pin FB should be as small as is practical. The lead-length to the battery should be as short as is practical. Figure 29. Recommended Single-Layer Component Placement 1 AS1329 2 3 6 5 4 Optional SHDNN VIN FB VOUT GND SW VOUT VIN SHDNN R2 R1 COUT CIN |