Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1322 Fiches technique(PDF) 17 Page - ams AG

No de pièce AS1322
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Fiches technique(HTML) 17 Page - ams AG

Back Button AS1322 Datasheet HTML 10Page - ams AG AS1322 Datasheet HTML 11Page - ams AG AS1322 Datasheet HTML 12Page - ams AG AS1322 Datasheet HTML 13Page - ams AG AS1322 Datasheet HTML 14Page - ams AG AS1322 Datasheet HTML 15Page - ams AG AS1322 Datasheet HTML 16Page - ams AG AS1322 Datasheet HTML 17Page - ams AG AS1322 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1322
Revision 1.10
17 - 18
AS1322
Datasheet
11 Ordering Information
The device is available as the standard products listed in Table 8.
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.ams.com/ICdirect
Technical Support is found at http://www.ams.com/Technical-Support
For further information and requests, please contact us mailto:sales@ams.com
or find your local distributor at http://www.ams.com/distributor
Table 8. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1322A-BTTT
ASKQ
Low Voltage, Micropower, DC-DC Step-Up Converter with
Automatic Powersave Operation
Tape and Reel
6-pin TSOT-23
AS1322B-BTTT
ASKZ
Low Voltage, Micropower, DC-DC Step-Up Converter with
Continuous Switching
Tape and Reel
6-pin TSOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18