Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1123B Fiches technique(PDF) 21 Page - ams AG

No de pièce AS1123B
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1123B Fiches technique(HTML) 21 Page - ams AG

Back Button AS1123B Datasheet HTML 17Page - ams AG AS1123B Datasheet HTML 18Page - ams AG AS1123B Datasheet HTML 19Page - ams AG AS1123B Datasheet HTML 20Page - ams AG AS1123B Datasheet HTML 21Page - ams AG AS1123B Datasheet HTML 22Page - ams AG AS1123B Datasheet HTML 23Page - ams AG AS1123B Datasheet HTML 24Page - ams AG AS1123B Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
20 - 24
AS1123
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
Figure 24. 24-pin QSOP Marking
Figure 25. 24-pin TQFN (4x4mm) Marking
Table 9. Packaging Code YYWWRZZ or YYWWXZZ
YY
WW
R / X
ZZ
last two digits of the current year
manufacturing week
plant identifier
free choice / traceability code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25