Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1122 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Fiches technique(HTML) 13 Page - ams AG

Back Button AS1122 Datasheet HTML 9Page - ams AG AS1122 Datasheet HTML 10Page - ams AG AS1122 Datasheet HTML 11Page - ams AG AS1122 Datasheet HTML 12Page - ams AG AS1122 Datasheet HTML 13Page - ams AG AS1122 Datasheet HTML 14Page - ams AG AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG AS1122 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
12 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
PWM Data
To set the PWM, 12 bit (4096 steps) per Output channel can be used. After sending the 8 bit identifier for access to the PWM Data register the
device is waiting for 144 bits to receive. If more or less bits are send the whole dataword will be ignored.
Figure 27. PWM Input Timing Diagram
For n devices in a chain only one identifier needs to be send to set all n devices to the same register setting.
Figure 28. PWM Data for n-devices
Command Data
The AS1122 offers a command register for setting the configuration of the device. The command register is again accessible via an identifier and
is 8 bits long. If more or less bits are send the whole dataword will be ignored.
Figure 29. Command Input Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23