| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1113 Fiches technique(PDF) 24 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1113 Fiches technique(HTML) 24 Page - ams AG |
|
24 / 25 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1113 Revision 1.04 23 - 24 AS1113 Datasheet - O r d e r i n g I n f o r m a t i o n 11 Ordering Information The device is available as the standard products shown in Table 9. Note: All products are RoHS compliant and Pb-free. Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect For further information and requests, please contact us mailto:sales@austriamicrosystems.com or find your local distributor at http://www.austriamicrosystems.com/distributor Table 9. Ordering Information Ordering Code Description Delivery Form Package AS1113-BSSU 50mA, 16-Channel LED Driver with Diagnostics Tubes 24-pin SSOP AS1113-BSST 50mA, 16-Channel LED Driver with Diagnostics Tape and Reel 24-pin SSOP AS1113-BQFR 50mA, 16-Channel LED Driver with Diagnostics Tray 28-pin QFN (5x5mm) AS1113-BQFT 50mA, 16-Channel LED Driver with Diagnostics Tape and Reel 28-pin QFN (5x5mm) |