Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1102 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1102
Description  Low-Dropout LED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1102 Fiches technique(HTML) 13 Page - ams AG

Back Button AS1102 Datasheet HTML 6Page - ams AG AS1102 Datasheet HTML 7Page - ams AG AS1102 Datasheet HTML 8Page - ams AG AS1102 Datasheet HTML 9Page - ams AG AS1102 Datasheet HTML 10Page - ams AG AS1102 Datasheet HTML 11Page - ams AG AS1102 Datasheet HTML 12Page - ams AG AS1102 Datasheet HTML 13Page - ams AG AS1102 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.austriamicrosystems.com
Revision 1.5
12 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - Or dering Informati on
10 Ordering Information
Part Number
Marking
Description
Package Type
Delivery Form
AS1101-T
JO1
Dual LED driver with enable.
SC70-6
Tape and Reel
AS1102-T
JO2
Triple LED driver with enable.
AS1103-T
JO3
Quad LED driver.
AS1104-T
JO4
Quad LED driver with enable.
MSOP-8
Tape and Reel
AS1104
Tubes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14