| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1101 Fiches technique(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1101 Fiches technique(HTML) 3 Page - ams AG |
|
3 / 14 page ![]() www.austriamicrosystems.com Revision 1.5 2 - 13 AS1101/AS1102/AS1103/AS1104 Data Sheet - Pi nout 4 Pinout Pin Assignments Figure 2. Pin Assignments – (Top View) Pin Descriptions Table 1. Pin Descriptions Pin Number Pin Name Description (see Figure 2) CTRL Sets LED current; connect to external resistor. I1 Connect to cathode of LED. I2 Connect to cathode of LED. I3 Connect to cathode of LED. I4 Connect to cathode of LED. GND Ground ON Device Enable Input. CTRL I2 I1 I3 I4 GND 1 2 3 8 7 6 ON I3 I4 N/C CTRL I2 AS1104 CTRL I2 I1 ON I3 GND 1 2 3 6 5 4 CTRL I1/I2 N/C ON I3/I4 GND AS1101 5I1 4 GND 8-Pin MSOP 6-Pin SC70 1 2 3 6 5 4 AS1102 1 2 3 6 5 4 AS1103 |