| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24HJ32GP202 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ32GP202 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 274 page ![]() © 2007-2011 Microchip Technology Inc. DS70289H-page 7 PIC24HJ32GP202/204 AND PIC24HJ16GP304 Pin Diagrams (Continued) Note 1: The RPn pins can be used by any remappable peripheral. See Table 1 for the list of available peripherals. 2: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally. 3: Refer to Section 2.3 “CPU Logic Filter Capacitor Connection (VCAP)” for proper connection to this pin. AN12/RP12(1)/CN14/RB12 PGEC2/RP11(1)/CN15/RB11 PGED2/RP10(1)/CN16/RB10 VCAP(3) RP25(1)/CN19/RC9 RP24(1)/CN20/RC8 RP23(1)/CN17/RC7 RP22(1)/CN18/RC6 SDA1/RP9(1)/CN21/RB9 AN4/RP2(1)/CN6/RB2 AN5/RP3(1)/CN7/RB3 AN6/RP16(1)/CN8/RC0 AN7/RP17(1)/CN9/RC1 AN8/RP18(1)/CN10/RC2 SOSCI/RP4(1)/CN1/RB4 VDD VSS OSC1/CLKI/CN30/RA2 OSC2/CLKO/CN29/RA3 TDO/RA8 44-Pin QFN(2) AN11/RP13(1)/CN13/RB13 PIC24HJ32GP204 PIC24HJ16GP304 3 30 29 28 27 26 25 24 23 4 5 7 8 9 10 11 1 2 32 31 6 33 VSS = Pins are up to 5V tolerant |