| Moteur de recherche de fiches techniques de composants électroniques |
|
64GA106 Fiches technique(PDF) 132 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA106 Fiches technique(HTML) 132 Page - Microchip Technology |
|
132 / 330 page ![]() PIC24FJ256GA110 FAMILY DS39905E-page 132 2010 Microchip Technology Inc. TABLE 10-3: SELECTABLE OUTPUT SOURCES (MAPS FUNCTION TO OUTPUT) Output Function Number(1) Function Output Name 0 NULL(2) Null 1 C1OUT Comparator 1 Output 2 C2OUT Comparator 2 Output 3 U1TX UART1 Transmit 4U1RTS(3) UART1 Request To Send 5 U2TX UART2 Transmit 6U2RTS(3) UART2 Request To Send 7 SDO1 SPI1 Data Output 8 SCK1OUT(4) SPI1 Clock Output 9 SS1OUT SPI1 Slave Select Output 10 SDO2 SPI2 Data Output 11 SCK2OUT SPI2 Clock Output 12 SS2OUT SPI2 Slave Select Output 18 OC1 Output Compare 1 19 OC2 Output Compare 2 20 OC3 Output Compare 3 21 OC4 Output Compare 4 22 OC5 Output Compare 5 23 OC6 Output Compare 6 24 OC7 Output Compare 7 25 OC8 Output Compare 8 28 U3TX UART3 Transmit 29 U3RTS(3) UART3 Request To Send 30 U4TX UART4 Transmit 31 U4RTS(3) UART4 Request To Send 32 SDO3 SPI3 Data Output 33 SCK3OUT SPI3 Clock Output 34 SS3OUT SPI3 Slave Select Output 35 OC9 Output Compare 9 36 C3OUT Comparator 3 Output 37-63 (unused) NC Note 1: Setting the RPORx register with the listed value assigns that output function to the associated RPn pin. 2: The NULL function is assigned to all RPn outputs at device Reset and disables the RPn output function. 3: IrDA® BCLK functionality uses this output. 4: SCK1OUT can also be specifically mapped to the ASCK1 pin by setting the SCK1CM bit (ALTRP<0>). See Section 10.4.3.3 “Alternate Fixed Pin Mapping” for more information. |