Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

64GA106 Fiches technique(PDF) 131 Page - Microchip Technology

No de pièce 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Fiches technique(HTML) 131 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 127Page - Microchip Technology 64GA106 Datasheet HTML 128Page - Microchip Technology 64GA106 Datasheet HTML 129Page - Microchip Technology 64GA106 Datasheet HTML 130Page - Microchip Technology 64GA106 Datasheet HTML 131Page - Microchip Technology 64GA106 Datasheet HTML 132Page - Microchip Technology 64GA106 Datasheet HTML 133Page - Microchip Technology 64GA106 Datasheet HTML 134Page - Microchip Technology 64GA106 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 131
PIC24FJ256GA110 FAMILY
TABLE 10-2:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
Input Name
Function Name
Register
Function Mapping
Bits
External Interrupt 1
INT1
RPINR0
INT1R<5:0>
External Interrupt 2
INT2
RPINR1
INT2R<5:0>
External Interrupt 3
INT3
RPINR1
INT3R<5:0>
External Interrupt 4
INT4
RPINR2
INT4R<5:0>
Input Capture 1
IC1
RPINR7
IC1R<5:0>
Input Capture 2
IC2
RPINR7
IC2R<5:0>
Input Capture 3
IC3
RPINR8
IC3R<5:0>
Input Capture 4
IC4
RPINR8
IC4R<5:0>
Input Capture 5
IC5
RPINR9
IC5R<5:0>
Input Capture 6
IC6
RPINR9
IC6R<5:0>
Input Capture 7
IC7
RPINR10
IC7R<5:0>
Input Capture 8
IC8
RPINR10
IC8R<5:0>
Input Capture 9
IC9
RPINR15
IC9R<5:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<5:0>
Output Compare Fault B
OCFB
RPINR11
OCFBR<5:0>
SPI1 Clock Input
SCK1IN
RPINR20
SCK1R<5:0>
SPI1 Data Input
SDI1
RPINR20
SDI1R<5:0>
SPI1 Slave Select Input
SS1IN
RPINR21
SS1R<5:0>
SPI2 Clock Input
SCK2IN
RPINR22
SCK2R<5:0>
SPI2 Data Input
SDI2
RPINR22
SDI2R<5:0>
SPI2 Slave Select Input
SS2IN
RPINR23
SS2R<5:0>
SPI3 Clock Input
SCK3IN
RPINR23
SCK3R<5:0>
SPI3 Data Input
SDI3
RPINR28
SDI3R<5:0>
SPI3 Slave Select Input
SS3IN
RPINR29
SS3R<5:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<5:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<5:0>
Timer4 External Clock
T4CK
RPINR4
T4CKR<5:0>
Timer5 External Clock
T5CK
RPINR4
T5CKR<5:0>
UART1 Clear To Send
U1CTS
RPINR18
U1CTSR<5:0>
UART1 Receive
U1RX
RPINR18
U1RXR<5:0>
UART2 Clear To Send
U2CTS
RPINR19
U2CTSR<5:0>
UART2 Receive
U2RX
RPINR19
U2RXR<5:0>
UART3 Clear To Send
U3CTS
RPINR21
U3CTSR<5:0>
UART3 Receive
U3RX
RPINR17
U3RXR<5:0>
UART4 Clear To Send
U4CTS
RPINR27
U4CTSR<5:0>
UART4 Receive
U4RX
RPINR27
U4RXR<5:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt Trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More