Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ256GP710 Fiches technique(PDF) 85 Page - Microchip Technology

No de pièce DSPIC33FJ256GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710 Fiches technique(HTML) 85 Page - Microchip Technology

Back Button DSPIC33FJ256GP710 Datasheet HTML 81Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 82Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 83Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 84Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 85Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 86Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 87Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 88Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 83
dsPIC33FJXXXGPX06/X08/X10
TABLE 7-1:
INTERRUPT VECTORS
Vector
Number
Interrupt
Request (IRQ)
Number
IVT Address
AIVT Address
Interrupt Source
8
0
0x000014
0x000114
INT0 – External Interrupt 0
9
1
0x000016
0x000116
IC1 – Input Compare 1
10
2
0x000018
0x000118
OC1 – Output Compare 1
11
3
0x00001A
0x00011A
T1 – Timer1
12
4
0x00001C
0x00011C
DMA0 – DMA Channel 0
13
5
0x00001E
0x00011E
IC2 – Input Capture 2
14
6
0x000020
0x000120
OC2 – Output Compare 2
15
7
0x000022
0x000122
T2 – Timer2
16
8
0x000024
0x000124
T3 – Timer3
17
9
0x000026
0x000126
SPI1E – SPI1 Error
18
10
0x000028
0x000128
SPI1 – SPI1 Transfer Done
19
11
0x00002A
0x00012A
U1RX – UART1 Receiver
20
12
0x00002C
0x00012C
U1TX – UART1 Transmitter
21
13
0x00002E
0x00012E
ADC1 – ADC 1
22
14
0x000030
0x000130
DMA1 – DMA Channel 1
23
15
0x000032
0x000132
Reserved
24
16
0x000034
0x000134
SI2C1 – I2C1 Slave Events
25
17
0x000036
0x000136
MI2C1 – I2C1 Master Events
26
18
0x000038
0x000138
Reserved
27
19
0x00003A
0x00013A
Change Notification Interrupt
28
20
0x00003C
0x00013C
INT1 – External Interrupt 1
29
21
0x00003E
0x00013E
ADC2 – ADC 2
30
22
0x000040
0x000140
IC7 – Input Capture 7
31
23
0x000042
0x000142
IC8 – Input Capture 8
32
24
0x000044
0x000144
DMA2 – DMA Channel 2
33
25
0x000046
0x000146
OC3 – Output Compare 3
34
26
0x000048
0x000148
OC4 – Output Compare 4
35
27
0x00004A
0x00014A
T4 – Timer4
36
28
0x00004C
0x00014C
T5 – Timer5
37
29
0x00004E
0x00014E
INT2 – External Interrupt 2
38
30
0x000050
0x000150
U2RX – UART2 Receiver
39
31
0x000052
0x000152
U2TX – UART2 Transmitter
40
32
0x000054
0x000154
SPI2E – SPI2 Error
41
33
0x000056
0x000156
SPI1 – SPI1 Transfer Done
42
34
0x000058
0x000158
C1RX – ECAN1 Receive Data Ready
43
35
0x00005A
0x00015A
C1 – ECAN1 Event
44
36
0x00005C
0x00015C
DMA3 – DMA Channel 3
45
37
0x00005E
0x00015E
IC3 – Input Capture 3
46
38
0x000060
0x000160
IC4 – Input Capture 4
47
39
0x000062
0x000162
IC5 – Input Capture 5
48
40
0x000064
0x000164
IC6 – Input Capture 6
49
41
0x000066
0x000166
OC5 – Output Compare 5
50
42
0x000068
0x000168
OC6 – Output Compare 6
51
43
0x00006A
0x00016A
OC7 – Output Compare 7
52
44
0x00006C
0x00016C
OC8 – Output Compare 8
53
45
0x00006E
0x00016E
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More