Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ64GP706 Fiches technique(PDF) 299 Page - Microchip Technology

No de pièce DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Fiches technique(HTML) 299 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 295Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 296Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 297Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 298Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 299Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 300Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 301Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 302Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 297
dsPIC33FJXXXGPX06/X08/X10
26.0 PACKAGING INFORMATION
26.1
Package Marking Information
64-Lead TQFP (10x10x1 mm)
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ
256GP706
0510017
80-Lead TQFP (12x12x1 mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ128
0510017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
100-Lead TQFP (12x12x1 mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ256
GP710-I/PT
0510017
GP708-I/PT
100-Lead TQFP (14x14x1mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
100-Lead TQFP (14x14x1mm)
dsPIC33FJ256
GP710-I/PF
0510017
-I/PT 3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More