Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ256GP710-IPF Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Fiches technique(HTML) 8 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 4Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 5Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 6Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 7Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 8Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 9Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 10Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 11Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 6
© 2009 Microchip Technology Inc.
Pin Diagrams (Continued)
64-Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
36
35
34
33
14
15
16
PGEC2/SOSCO/T1CK/CN0/RC14
PGED2/SOSCI/T4CK/CN1/RC13
OC1/RD0
IC4/INT4/RD11
IC2/U1CTS/INT2/RD9
IC1/INT1/RD8
VSS
OSC2/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
U1RTS/SCK1/INT0/RF6
U1RX/SDI1/RF2
U1TX/SDO1/RF3
COFS/RG15
AN16/T2CK/T7CK/RC1
AN17/T3CK/T6CK/RC2
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
MCLR
VSS
VDD
AN3/CN5/RB3
AN2/SS1/CN4/RB2
PGEC3/AN1/VREF-/CN3/RB1
PGED3/AN0/VREF+/CN2/RB0
SDA1/RG3
43
42
41
40
39
38
37
44
48
47
46
45
SS2/CN11/RG9
AN5/IC8/CN7/RB5
AN4/IC7/CN6/RB4
IC3/INT3/RD10
dsPIC33FJ256GP506
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More