| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1706ACPZ-3.0-R7 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1706ACPZ-3.0-R7 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() ADP1706/ADP1707/ADP1708 Rev. 0 | Page 16 of 20 OUTLINE DIMENSIONS COMPLIANT TO JEDEC STANDARDS MS-012-A A CONTROLLING DIMENSIONS ARE IN MILLIMETER; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.050) 0.40 (0.016) 0.50 (0.020) 0.25 (0.010) 45° 8° 0° 1.75 (0.069) 1.35 (0.053) 1.65 (0.065) 1.25 (0.049) SEATING PLANE 85 4 1 5.00 (0.197) 4.90 (0.193) 4.80 (0.189) 4.00 (0.157) 3.90 (0.154) 3.80 (0.150) 1.27 (0.05) BSC 6.20 (0.244) 6.00 (0.236) 5.80 (0.228) 0.51 (0.020) 0.31 (0.012) COPLANARITY 0.10 TOP VIEW 3.098 (0.122) BOTTOM VIEW (PINS UP) 2.41 (0.095) 0.10 (0.004) MAX Figure 43. 8-Lead Standard Small Outline Package, with Expose Pad [SOIC_N_EP] Narrow Body (RD-8-2) Dimensions shown in millimeters and (inches) 1 EXPOSED PAD (BOTTOM VIEW) 0.50 BSC PIN 1 INDICATOR 0.50 0.40 0.30 TOP VIEW 12° MAX 0.70 MAX 0.65 TYP 0.90 MAX 0.85 NOM 0.05 MAX 0.01 NOM 0.20 REF 1.89 1.74 1.59 4 1.60 1.45 1.30 3.25 3.00 SQ 2.75 2.95 2.75 SQ 2.55 5 8 PIN 1 INDICATOR SEATING PLANE 0.30 0.23 0.18 0.60 MAX 0.60 MAX Figure 44. 8-Lead Frame Chip Scale Package [LFCSP_VD] 3 mm × 3 mm Body, Very Thin, Dual Lead (CP-8-2) Dimensions shown in millimeters |