Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1706ARDZ-1.8-R7 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce ADP1706ARDZ-1.8-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.8-R7 Fiches technique(HTML) 14 Page - Analog Devices

Back Button ADP1706ARDZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 14 of 20
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
100mA
300mA
500mA
750mA
1A
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 37. 100 mm2 of PCB Copper, TA = 25°C, SOIC
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
100mA
300mA
500mA
750mA
1A
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 38. 0 mm2 of PCB Copper, TA = 25°C, SOIC
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
100mA
300mA
500mA
750mA
1A
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 39. 500 mm2 of PCB Copper, TA = 25°C, LFCSP
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
100mA
300mA
500mA
750mA
1A
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 40. 100 mm2 of PCB Copper, TA = 25°C, LFCSP
140
0
0.5
5.0
VIN – VOUT (V)
120
100
80
60
40
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1mA
10mA
100mA
300mA
500mA
750mA
1A
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
Figure 41. 0 mm2 of PCB Copper, TA = 25°C, LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com