Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1706ARDZ-1.5-R7 Fiches technique(PDF) 18 Page - Analog Devices

No de pièce ADP1706ARDZ-1.5-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.5-R7 Fiches technique(HTML) 18 Page - Analog Devices

Back Button ADP1706ARDZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 19Page - Analog Devices ADP1706ARDZ-1.5-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 18 of 20
Model
Temperature Range
Output Voltage (V)
Package Description
Package Option
Branding
ADP1707ACPZ-0.75R71
–40°C to +125°C
0.75
8-Lead LFCSP_VD
CP-8-2
L6P
ADP1707ACPZ-0.8-R71
–40°C to +125°C
0.8
8-Lead LFCSP_VD
CP-8-2
L6Q
ADP1707ACPZ-0.85R71
–40°C to +125°C
0.85
8-Lead LFCSP_VD
CP-8-2
L6R
ADP1707ACPZ-0.9-R71
–40°C to +125°C
0.9
8-Lead LFCSP_VD
CP-8-2
L6S
ADP1707ACPZ-0.95R71
–40°C to +125°C
0.95
8-Lead LFCSP_VD
CP-8-2
L6T
ADP1707ACPZ-1.0-R71
–40°C to +125°C
1.0
8-Lead LFCSP_VD
CP-8-2
L6U
ADP1707ACPZ-1.05R71
–40°C to +125°C
1.05
8-Lead LFCSP_VD
CP-8-2
L6V
ADP1707ACPZ-1.1-R71
–40°C to +125°C
1.1
8-Lead LFCSP_VD
CP-8-2
L6W
ADP1707ACPZ-1.15R71
–40°C to +125°C
1.15
8-Lead LFCSP_VD
CP-8-2
L6X
ADP1707ACPZ-1.2-R71
–40°C to +125°C
1.2
8-Lead LFCSP_VD
CP-8-2
L6Y
ADP1707ACPZ-1.3-R71
–40°C to +125°C
1.3
8-Lead LFCSP_VD
CP-8-2
L6Z
ADP1707ACPZ-1.5-R71
–40°C to +125°C
1.5
8-Lead LFCSP_VD
CP-8-2
L70
ADP1707ACPZ-1.8-R71
–40°C to +125°C
1.8
8-Lead LFCSP_VD
CP-8-2
L71
ADP1707ACPZ-2.5-R71
–40°C to +125°C
2.5
8-Lead LFCSP_VD
CP-8-2
L72
ADP1707ACPZ-3.0-R71
–40°C to +125°C
3.0
8-Lead LFCSP_VD
CP-8-2
L73
ADP1707ACPZ-3.3-R71
–40°C to +125°C
3.3
8-Lead LFCSP_VD
CP-8-2
L74
ADP1708ARDZ-R71
–40°C to +125°C
0.8 to 5.0
8-Lead SOIC_N_EP
RD-8-2
ADP1708ACPZ-R71
–40°C to +125°C
0.8 to 5.0
8-Lead LFCSP_VD
CP-8-2
L7P
ADP1706-3.3-EVALZ1
3.3
Evaluation Board
ADP1707-3.3-EVALZ1
3.3
Evaluation Board
ADP1708-EVALZ1
Adjustable, but set to 1.6 V
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com