| Moteur de recherche de fiches techniques de composants électroniques |
|
ADR01ARZ Fiches technique(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR01ARZ Fiches technique(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() Data Sheet ADR01/ADR02/ADR03/ADR06 Rev. R | Page 19 of 20 ORDERING GUIDES ADR01 Ordering Guide Model1, 2 Output Voltage VO (V) Initial Accuracy Temperature Coefficient (ppm/°C) Temperature Range Package Description Package Option Ordering Quantity Branding (mV) (%) ADR01ARZ 10 10 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 98 ADR01ARZ-REEL7 10 10 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 1,000 ADR01BRZ 10 5 0.05 3 –40°C to +125°C 8-Lead SOIC_N R-8 98 ADR01BRZ-REEL7 10 5 0.05 3 –40°C to +125°C 8-Lead SOIC_N R-8 1000 ADR01WARZ-R7 10 14 0.14 10 –40°C to +125°C 8-Lead SOIC_N R-8 1,000 ADR01WARZ-RL 10 14 0.14 10 –40°C to +125°C 8-Lead SOIC_N R-8 2,500 ADR01AUJZ-REEL7 10 10 0.1 25 –40°C to +125°C 5-Lead TSOT UJ-5 3,000 R1E ADR01BUJZ-REEL7 10 5 0.05 9 –40°C to +125°C 5-Lead TSOT UJ-5 3,000 R1F ADR01AKSZ-REEL7 10 10 0.1 25 –40°C to +125°C 5-Lead SC70 KS-5 3,000 R1E ADR01BKSZ-REEL7 10 5 0.05 9 –40°C to +125°C 5-Lead SC70 KS-5 3,000 R1F ADR01CRZ 10 10 0.1 40 –40°C to +125°C 8-Lead SOIC_N R-8 98 ADR01CRZ-REEL 10 10 0.1 40 –40°C to +125°C 8-Lead SOIC_N R-8 2,500 1 Z = RoHS Compliant Part. 2 W = Qualified for automotive applications. ADR02 Ordering Guide Model1, 2 Output Voltage VO (V) Initial Accuracy Temperature Coefficient (ppm/°C) Temperature Range Package Description Package Option Ordering Quantity Branding (mV) (%) ADR02AR 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 98 ADR02AR-REEL 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 2,500 ADR02AR-REEL7 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 1,000 ADR02ARZ 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 98 ADR02ARZ-REEL 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 2,500 ADR02ARZ-REEL7 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 1,000 ADR02WARZ-REEL 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 2,500 ADR02WARZ-REEL7 5 5 0.1 10 –40°C to +125°C 8-Lead SOIC_N R-8 1,000 ADR02BRZ 5 3 0.06 3 –40°C to +125°C 8-Lead SOIC_N R-8 98 ADR02BRZ-REEL7 5 3 0.06 3 –40°C to +125°C 8-Lead SOIC_N R-8 1,000 ADR02AUJZ-REEL7 5 5 0.1 25 –40°C to +125°C 5-Lead TSOT UJ-5 3,000 R1G ADR02BUJZ-R2 5 3 0.06 9 –40°C to +125°C 5-Lead TSOT UJ-5 250 R1H ADR02BUJZ-REEL7 5 3 0.06 9 –40°C to +125°C 5-Lead TSOT UJ-5 3,000 R1H ADR02AKSZ-REEL7 5 5 0.1 25 –40°C to +125°C 5-Lead SC70 KS-5 3,000 R1G ADR02BKSZ-REEL7 5 3 0.06 9 –40°C to +125°C 5-Lead SC70 KS-5 3,000 R1H ADR02CRZ 5 5 0.1 40 –40°C to +125°C 8-Lead SOIC_N R-8 98 ADR02CRZ-REEL 5 5 0.1 40 –40°C to +125°C 8-Lead SOIC_N R-8 2,500 1 Z = RoHS Compliant Part. 2 W = Qualified for automotive applications. |