Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV641DL121RPCEN Fiches technique(PDF) 52 Page - Advanced Micro Devices

No de pièce AM29LV641DL121RPCEN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DL121RPCEN Fiches technique(HTML) 52 Page - Advanced Micro Devices

Back Button AM29LV641DL121RPCEN Datasheet HTML 48Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 49Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 50Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 51Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 52Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 53Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 54Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 55Page - Advanced Micro Devices AM29LV641DL121RPCEN Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
September 20, 2002
Am29LV640D/Am29LV641D
51
PHYSICAL DIMENSIONS
FBE063—63-Ball Fine-Pitch Ball Grid Array (FBGA) 12 x 11 mm package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57