| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV321LILT Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LMV321LILT Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 20 page ![]() DocID023066 Rev 2 7/20 LMV321L, LMV358L, LMV324L Electrical characteristics 20 en Equivalent input noise voltage f = 1 kHz f = 10 kHz 30 20 in Equivalent input noise current f = 1 kHz 0.30 1. See Section 4.4: Input offset voltage drift over temperature. 2. CMRR (dB) = 20 log ( ΔVicm/ΔVio). Table 4. Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, and RL connected to VCC/2 (unless otherwise specified) (continued) Symbol Parameter Conditions Min. Typ. Max. Unit nV Hz ------------ pA Hz ------------ |