Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7722ASZ Fiches technique(PDF) 23 Page - Analog Devices

No de pièce AD7722ASZ
Description  16-Bit, 195 kSPS CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7722ASZ Fiches technique(HTML) 23 Page - Analog Devices

Back Button AD7722ASZ Datasheet HTML 16Page - Analog Devices AD7722ASZ Datasheet HTML 17Page - Analog Devices AD7722ASZ Datasheet HTML 18Page - Analog Devices AD7722ASZ Datasheet HTML 19Page - Analog Devices AD7722ASZ Datasheet HTML 20Page - Analog Devices AD7722ASZ Datasheet HTML 21Page - Analog Devices AD7722ASZ Datasheet HTML 22Page - Analog Devices AD7722ASZ Datasheet HTML 23Page - Analog Devices AD7722ASZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
REV. B
AD7722
–23–
OUTLINE DIMENSIONS
44-Lead Metric Quad Flat Package [MQFP]
(S-44B)
Dimensions shown in millimeters
0.80
BSC
SQ
0.45
0.30
2.10
2.00
1.96
2.45
MAX
1.03
0.88
0.73
8
0.8
SEATING
PLANE
TOP VIEW
(PINS DOWN)
1
33
34
11
12
23
22
44
COPLANARITY
0.10
PIN 1
0.25 MAX
10.20
10.00
9.80
SQ
14.15
13.90
13.65
COMPLIANT TO JEDEC STANDARDS MS-022-AA-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24