| Moteur de recherche de fiches techniques de composants électroniques |
|
AD810ARZ Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD810ARZ Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD810 REV. A –16– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). Plastic Mini-DIP (N) Package 0.011 ±0.003 (0.28 ±0.08) 0.30 (7.62) REF 15 ° 0 ° PIN 1 4 5 8 1 0.25 (6.35) 0.31 (7.87) 0.10 (2.54) BSC SEATING PLANE 0.035 ±0.01 (0.89 ±0.25) 0.18 ±0.03 (4.57 ±0.76) 0.033 (0.84) NOM 0.018 ±0.003 (0.46 ±0.08) 0.125 (3.18) MIN 0.165 ±0.01 (4.19 ±0.25) 0.39 (9.91) MAX Cerdip (Q) Package 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 ° 0 ° 0.005 (0.13) MIN 0.055 (1.40) MAX 1 PIN 1 4 5 8 0.310 (7.87) 0.220 (5.59) 0.405 (10.29) MAX 0.200 (5.08) MAX SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC 8-Pin SOIC (R) Package 0.019 (0.48) 0.014 (0.36) 0.050 (1.27) BSC 0.102 (2.59) 0.094 (2.39) 0.197 (5.01) 0.189 (4.80) 0.010 (0.25) 0.004 (0.10) 0.098 (0.2482) 0.075 (0.1905) 0.190 (4.82) 0.170 (4.32) 0.030 (0.76) 0.018 (0.46) 10 ° 0 ° 0.090 (2.29) 8 ° 0 ° 0.020 (0.051) x 45 ° CHAMF 1 8 5 4 PIN 1 0.157 (3.99) 0.150 (3.81) 0.244 (6.20) 0.228 (5.79) 0.150 (3.81) All brand or product names mentioned are trademarks or registered trademarks of their respective holders. |