| Moteur de recherche de fiches techniques de composants électroniques |
|
DDF11M Fiches technique(PDF) 5 Page - API Technologies Corp |
|
|
|||||||||||||||||||||||||||||
DDF11M Fiches technique(HTML) 5 Page - API Technologies Corp |
|
5 / 6 page ![]() DD311A DD311A M * Ultra High Speed SPST A n inverting only ultra high speed driver w ith 300 mA sw itching current spikes. The DD311A output (pin 2) is connected to a 360 ohm resistor paralleled w ith a 560 pF capacitor and the driven end (pin 11) of the resistor/capacitor combination is sw itched betw een +4 and -10 V. 1. The DD311A should be driven f rom an otherw ise unloaded 54S, 54A S, or 54F type gate to achieve rated sw itching times. Input capacitance is ap- proximately 50 pF. 2. To increase sw itching peak currents, add a capaci- tor of up to 560 pF betw een the output and TP pin. * M suf f ix denotes w elded metal package instead of standard epoxy-sealed ceramic package. V ee (– % V to – 15V ) Output Ground N/C Input M ode Control +5V 1 7 14 8 11 22 425 SQ M A X 425 SQ M A X DD320/420/620 DD320/420/620 X X X X TOP V IEW Pkg Bottom 100 (.115 M ) M A X 0.035 0.050 TP 0.015 TY P 250 M IN TY P. .0.05 ± .001 010 TY P. +002 (M * ) V ee (– % V to – 15V ) Output Ground Inv Input +5V .115 M A X 0.035 0.050 Pkg Bottom 0.015 ±.003 .005 ±.001 .010 TY P +002 (M * ) 1 7 14 8 TP 250 M IN TY P DD311A X X X X TOP V IEW DDF311 DDF311M * High Speed Drivers Single channel high speed drivers w ith 300 mA peak current spikes. 1. Inputs are non-inverting w hen M ode control has a logic high input. 2. Inputs are inverting w hen M ode control has logic low input. 3. To increase sw itching peak currents, add a capaci- tor of up to 560 pF betw een the output and TP pin. 4. M ode control and input pins are interchangeable w ithin any one channel. 5. D DF311 Series drivers do not have a true current source output. Instead the output is connected to a 380-ohm resistor in parallel w ith a 560 pF capacitor and the driven end of this RC combination is sw itched betw een +4 and V ee so that the negative output current varies directly w ith V ee. * M suf f ix denotes w elded metal package instead of standard epoxy-sealed ceramic package. Continued on next page. |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |