Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAS6352 Fiches technique(PDF) 16 Page - Pixart Imaging Inc.

No de pièce PAS6352
Description  CMOS VGA IMAGE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PIXART [Pixart Imaging Inc.]
Site Internet  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6352 Fiches technique(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAS6352 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 16Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
PixArt Imaging Inc.
PAS6352
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
16
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.6,
2012/11/13
Recommended Guideline for PCB Assembly
Recommended vender and type for Pb-free solder paste
1.
Almit LFM-48W TM-HP
2.
Senju M705-GRN360-K
IR Reflow Soldering Profile:
Temperature profile is the most important control in reflow soldering. It must be fine tuned to establish
a robust process.
The typical recommended IR reflow profile is showed in figure below.
IR Reflow Profile
Reflow Profile :
1. Average Ramp-up Rate (30
°C to preheat zone): 1.5~ 2.5 Degree C/ Sec
2. Preheat zone:
2.1
Temp ramp from 170~ 200 degree C
2.2
Exposure time: 90 +/- 30 sec
3. Melting zone:
3.1
Melting area temp > 220 degree C for at least 30 ~ 50 sec
3.2
Peak temperature : 245 degree C.
Others:
Epoxy under-filled process is required post IC mounting process.
☉ Dispense Epoxy
Epoxy Under-filled
Epoxy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16