| Moteur de recherche de fiches techniques de composants électroniques |
|
DR74-471-R Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DR74-471-R Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 6 page ![]() DR Series High Power Density, High Efficiency, Shielded Inductors 1207 BU-SB07327 Page 1 of 6 Data Sheet 4315 Description • 125°C maximum total operating temperature • Four sizes of shielded drum core inductors • Inductance range from 0.33µH to 1000µH • Current range up to 56 amps peak • Magnetic shielding • Secure mounting • Ferrite core material Applications • Computer, DVD players, and portable power devices • LCD panels • DC-DC converters • Buck, boost, forward, and resonant converters • Noise filtering and filter chokes Environmental Data • Storage temperature range: -40°C to +125°C • Operating temperature range: -40°C to +125°C (range is application specific) • Solder reflow temperature: +260°C max. for 10 seconds max. Packaging • Supplied in tape and reel packaging, 1350 (DR73), 1100 (DR74), 600 (DR125), and 350 (DR127) per reel (1) Open Circuit Inductance Test Parameters: 100kHz, 0.25Vrms, 0.0Adc. (2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the temperature of the part not exceed 125°C. (3) Peak current for approximate 30% roll off at 20°C. (4) DCR limits @ 20°C. (5) Applied Volt-Time product (V-µS) across the inductor. This value represent the applied V-µS at 100kHz necessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise. 6) Part number definition: DRxxx-yyy-R DRxxx = product code and size, -yyy = inductance value in µH, R = decimal point. If no R is present, third character = # of zeros -R suffix = RoHS compliant Part Number Rated OCL(1) Irms(2) Isat(3) DCR(4) Volt-µSec(5) Inductance +/-20% Amps Amps (Ω Ω ) Typ. (µH) (µH) Peak Typ. DR73-R33-R 0.33 0.306 6.21 14.4 0.0073 1.98 DR73-1R0-R 1.00 0.992 5.28 7.97 0.0102 3.56 DR73-1R5-R 1.50 1.482 4.67 6.52 0.0130 4.36 DR73-2R2-R 2.20 2.070 4.15 5.52 0.0165 5.15 DR73-3R3-R 3.30 3.540 3.31 4.22 0.0259 6.73 DR73-4R7-R 4.70 4.422 3.09 3.78 0.0297 7.52 DR73-6R8-R 6.80 6.480 2.55 3.12 0.0435 9.11 DR73-8R2-R 8.20 8.930 2.19 2.66 0.0592 10.7 DR73-100-R 10.0 10.30 2.08 2.47 0.0656 11.5 DR73-150-R 15.0 15.01 1.83 2.05 0.0844 13.9 DR73-220-R 22.0 22.65 1.62 1.67 0.107 17.0 DR73-330-R 33.0 34.41 1.31 1.35 0.166 21.0 DR73-470-R 47.0 48.62 1.08 1.14 0.241 24.9 DR73-680-R 68.0 68.91 0.89 0.96 0.358 29.7 DR73-820-R 82.0 80.37 0.86 0.89 0.384 32.1 DR73-101-R 100 101.4 0.73 0.79 0.527 36.0 DR73-151-R 150 150.9 0.58 0.65 0.851 44.0 DR73-221-R 220 223.3 0.52 0.53 1.05 53.5 DR73-331-R 330 325.5 0.42 0.44 1.59 64.5 DR73-471-R 470 465.8 0.35 0.37 2.36 77.2 DR73-681-R 680 676.5 0.29 0.31 3.47 93.1 DR73-821-R 820 821.7 0.27 0.28 3.93 103 DR73-102-R 1000 995.0 0.26 0.25 4.34 113 |
Numéro de pièce similaire - DR74-471-R |
|
Description similaire - DR74-471-R |